PART |
Description |
Maker |
IRLR3714PBF IRLU3714PBF IRLR3714TRRPBF IRLR3714TRP |
High Frequency Isolated DC-DC HEXFET Power MOSFET ( VDSS = 20V , RDS(on)max = 20mヘ , ID = 36A ) HEXFET Power MOSFET ( VDSS = 20V , RDS(on)max = 20m楼? , ID = 36A ) HEXFET Power MOSFET ( VDSS = 20V , RDS(on)max = 20mΩ , ID = 36A ) 30 A, 20 V, 0.02 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-251AA 30 A, 20 V, 0.02 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-252AA
|
International Rectifier
|
IRFI630G IRFI630 IRFI630GPBF |
200V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package Power MOSFET(Vdss=200V, Rds(on)=0.40ohm, Id=5.9A) HEXFET? Power MOSFET Power MOSFET(Vdss=200V/ Rds(on)=0.40ohm/ Id=5.9A)
|
IRF[International Rectifier]
|
IRFI720G IRFI720GPBF |
400V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package Power MOSFET(Vdss=400V, Rds(on)=1.8ohm, Id=2.6A) HEXFET? Power MOSFET Power MOSFET(Vdss=400V/ Rds(on)=1.8ohm/ Id=2.6A)
|
IRF[International Rectifier]
|
IRFI9634G |
-250V Single P-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package HEXFET? Power MOSFET Power MOSFET(Vdss=-250V Rds(on)=1.0ohm Id=-4.1A) Power MOSFET(Vdss=-250V, Rds(on)=1.0ohm, Id=-4.1A)
|
IRF[International Rectifier]
|
IRFR9024N IRFU9024N IRFRU9024N IRFR9024NTR IRFR902 |
-55V Single P-Channel HEXFET Power MOSFET in a I-Pak package -55V Single P-Channel HEXFET Power MOSFET in a D-Pak package Power MOSFET(Vdss=-55V, Rds(on)=0.175ohm, Id=-11A) HEXFET? Power MOSFET Power MOSFET(Vdss=-55V Rds(on)=0.175ohm Id=-11A) P Channel Surface Mount HEXFET Power MOSFET(P沟道表贴型HEXFET功率MOS场效应管) P通道表面贴装HEXFET功率MOSFET的性(P沟道表贴型的HEXFET功率马鞍山场效应管)
|
http:// IRF[International Rectifier] International Rectifier, Corp.
|
IRC540 |
Power MOSFET(Vdss=100V, Rds(on)=0.077ohm, Id=28A) 功率MOSFET(减振钢板基本\u003d 100V的,的Rds(on)\u003d 0.077ohm,身份证\u003d 28A条) Power MOSFET(Vdss=100V/ Rds(on)=0.077ohm/ Id=28A) Hexfet? Power MOSFET 100V Single N-Channel HEXFET Power MOSFET in a TO-220 5-Pin (HEXSense) package
|
International Rectifier, Corp. IRF[International Rectifier]
|
IRFI744G IRFI744GPBF |
450V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package Power MOSFET(Vdss=450V Rds(on)=0.63ohm Id=4.9A) HEXFET? Power MOSFET Power MOSFET(Vdss=450V, Rds(on)=0.63ohm, Id=4.9A) 功率MOSFET(减振钢板基本\u003d 450V,的Rds(on)\u003d 0.63ohm,身份证\u003d 4.9A
|
IRF[International Rectifier] International Rectifier, Corp.
|
IRFR9214 IRFU9214 IRFRU9214 |
-250V Single P-Channel HEXFET Power MOSFET in a I-Pak package HEXFET? Power MOSFET Power MOSFET(Vdss=-250V, Rds(on)=3.0ohm, Id=-2.7A) HA1L-M1C53-G L6 Ovrsz ILL PB Rnd Flsh Mom SPDT 12V LED Sldr
|
IRF[International Rectifier]
|
IRFIB7N50A IRFIB7N50APBF |
6.6 A, 500 V, 0.52 ohm, N-CHANNEL, Si, POWER, MOSFET Power MOSFET(Vdss=500V, Rds(on)max=0.52ohm, Id=6.6A) HEXFET? Power MOSFET 500V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package
|
IRF[International Rectifier]
|
IRFL014N |
55V,1.9A, N-Channel HEXFET Power MOSFET(55V,1.9A,N沟道 HEXFET 功率MOS场效应管) 55V的,1.9AN沟道HEXFET功率MOSFET5V的,1.9A沟道的HEXFET功率马鞍山场效应管) Power MOSFET(Vdss=55V, Rds(on)=0.16ohm, Id=1.9A) Power MOSFET(Vdss=55V Rds(on)=0.16ohm Id=1.9A)
|
International Rectifier, Corp. IRF[International Rectifier]
|
IRF7726 IRF7726TR |
Ultra Low On-Resistance Power MOSFET(Vdss=-30V) HEXFET? Power MOSFET -30V Single P-Channel HEXFET Power MOSFET in a Micro 8 package
|
IRF[International Rectifier]
|
IRLD024 |
60V Single N-Channel HEXFET Power MOSFET in a HEXDIP package HEXFET? Power MOSFET Power MOSFET(Vdss=60V, Rds(on)=0.10ohm, Id=2.5A)
|
IRF[International Rectifier]
|